Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2416PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2416PCBA
Description  DUAL-BAND 2.7V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2416PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF2416PCBA Datasheet HTML 1Page - RF Micro Devices RF2416PCBA Datasheet HTML 2Page - RF Micro Devices RF2416PCBA Datasheet HTML 3Page - RF Micro Devices RF2416PCBA Datasheet HTML 4Page - RF Micro Devices RF2416PCBA Datasheet HTML 5Page - RF Micro Devices RF2416PCBA Datasheet HTML 6Page - RF Micro Devices RF2416PCBA Datasheet HTML 7Page - RF Micro Devices RF2416PCBA Datasheet HTML 8Page - RF Micro Devices RF2416PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary
4-201
RF2416
Rev A2 010810
4
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
1850MHz Performance -
High Gain Mode
T = 25°C, RF =1850MHz, VCC1HB = 2.78V,
HB Select= 0V, ZIN=ZO=50Ω
Gain
15
17.5
19
dB
Gain Variation Over
Temperature Range
+0.5
dB
Gain Variation Over
Frequency Band
+0.5
dB
Noise Figure
1.5
2.1
dB
Reverse Isolation
15
20
dB
Input IP3
-2.0
+1.0
dBm
Input P1dB
-13
-10
dB
Input VSWR
2:1
Output VSWR
2:1
Total Current Draw
8.2
10
mA
1900MHz LNA ENABLED, 900MHz LNA
DISABLED. ICC +IPD
1850MHz Performance -
Bypass Mode
T = 25°C, RF =1850MHz, VCC1HB = 2.78V,
HB Select= 2.7V, ZIN=ZO=50Ω
Gain
-7
-5
-3
dB
Gain Reduction
22
23
24
dBc
Input IP3
12.0
15.0
dBm
Input P1dB
+5
+8
dB
Input VSWR
2:1
Output VSWR
2.5:1
Total Current Draw
See Applications Notes
AGC Settling Time
10
µs
Rise and Fall Time
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com