Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2416PCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2416PCBA
Description  DUAL-BAND 2.7V LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2416PCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2416PCBA Datasheet HTML 2Page - RF Micro Devices RF2416PCBA Datasheet HTML 3Page - RF Micro Devices RF2416PCBA Datasheet HTML 4Page - RF Micro Devices RF2416PCBA Datasheet HTML 5Page - RF Micro Devices RF2416PCBA Datasheet HTML 6Page - RF Micro Devices RF2416PCBA Datasheet HTML 7Page - RF Micro Devices RF2416PCBA Datasheet HTML 8Page - RF Micro Devices RF2416PCBA Datasheet HTML 9Page - RF Micro Devices RF2416PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Preliminary
4-208
RF2416
Rev A2 010810
4
S-Parameter Conditions:
All plots shown were taken at VCC =2.78V and Ambient Temperature=25°C.
Note:
All S11 and S22 plots shown were taken from an RF2416 while on a 2416310 evaluation board. The data was captured without the exter-
nal input or output tuning components in place, and the reference point at the HB IN and HB OUT pins for high band and LB IN and LB
OUT for low band.
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
High Band Bypass Mode (S22)
Swp Max
6GHz
Swp Min
0.01GHz
1850 MHz
4GHz
1GHz
10 MHz
4.5 GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
High Band Bypass Mode (S11)
Swp Max
6GHz
Swp Min
0.01GHz
1850 MHz
4GHz
1.5 GHz
3GHz
1GHz
5GHz
2GHz
500 MHz
10 MHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
High Band High Gain Mode (S11)
Swp Max
6GHz
Swp Min
0.01GHz
10 MHz
1850 MHz
500 MHz
2.5 GHz
3GHz
4GHz
1GHz
1.5 GHz
2GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
High Band High Gain Mode (S22)
Swp Max
6GHz
Swp Min
0.01GHz
4GHz
4.5 GHz
10 MHz
1GHz
1850 MHz
3.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com