Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2418PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2418PCBA
Description  LOW CURRENT LNA/MIXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2418PCBA Datasheet HTML 1Page - RF Micro Devices RF2418PCBA Datasheet HTML 2Page - RF Micro Devices RF2418PCBA Datasheet HTML 3Page - RF Micro Devices RF2418PCBA Datasheet HTML 4Page - RF Micro Devices RF2418PCBA Datasheet HTML 5Page - RF Micro Devices RF2418PCBA Datasheet HTML 6Page - RF Micro Devices RF2418PCBA Datasheet HTML 7Page - RF Micro Devices RF2418PCBA Datasheet HTML 8Page - RF Micro Devices RF2418PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8-39
RF2418
Rev A6 010717
8
Application Schematic
Buffered Output Configuration
850MHz
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA
MIXER
BUFFER
10pF
RF AMP
IF Filter, 50
Ω
IF OUT
RF IN
Image Filter, 50
Ω
15nH
10 nH
LO IN
V
DD
V
DD
L1 should parallel resonate, at the IF frequency, with the internal
10pF capacitor plus any extra parasitic layout capacitance.
R1 and R2 are bias resistors that set the bias current for the buffer
amplifier. The value recommended is 510 W, each. Higher values
will decrease the current consumption but also decrease the output
level at which voltage clipping begins to occur. At lower IF
frequencies, where the internal 10 pF capacitor does not roll off the
conversion gain, L1 may be eliminated.
C1 is a blocking capacitor, in case the IF filter's input is not an open
circuit at DC.
10 nH
47 pF
100 nF
R1
C1
L1
R2
100 nF
100 nF
1nF
4pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com