Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2418PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2418PCBA
Description  LOW CURRENT LNA/MIXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2418PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2418PCBA Datasheet HTML 2Page - RF Micro Devices RF2418PCBA Datasheet HTML 3Page - RF Micro Devices RF2418PCBA Datasheet HTML 4Page - RF Micro Devices RF2418PCBA Datasheet HTML 5Page - RF Micro Devices RF2418PCBA Datasheet HTML 6Page - RF Micro Devices RF2418PCBA Datasheet HTML 7Page - RF Micro Devices RF2418PCBA Datasheet HTML 8Page - RF Micro Devices RF2418PCBA Datasheet HTML 9Page - RF Micro Devices RF2418PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8-42
RF2418
Rev A6 010717
8
High Impedance Mixer Gain versus Voltage, RF=850MHz
7.0
7.5
8.0
8.5
9.0
9.5
10.0
3.03.5
4.04.5
5.05.5
6.06.5
Voltage (V)
T=-40
T= 26
T= 85
High Impedance Casc. Gain versus Voltage,
RF=850MHz
14.0
16.0
18.0
20.0
22.0
24.0
26.0
3.03.5
4.04.5
5.05.5
6.06.5
Voltage (V)
T=-40
T=26
T= 85
High Impedance Mixer Input IP3 versus Voltage,
RF=850MHz
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3.03.5
4.04.5
5.05.5
6.06.5
Voltage (V)
T=-40
T= 26
T= 85
High Impedance Casc. Input IP3 versus Voltage,
RF=850MHz
-15.0
-14.5
-14.0
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Voltage (V)
T=-40
T=26
T= 85
Buffered LNA Gain versus Voltage,
RF=850MHz
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
3.03.5
4.04.5
5.05.5
6.06.5
Voltage (V)
T=-40
T= 26
T=85
Buffered Mixer Gain versus Voltage,
RF=850MHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
3.03.5
4.04.5
5.05.5
6.06.5
Voltage (V)
T=-40
T= 26
T= 85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com