Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1540P-R3213-HB Datasheet(PDF) 1 Page - GSI Group, Inc.

Part # M1540P-R3213-HB
Description  Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1540P-R3213-HB Datasheet(HTML) 1 Page - GSI Group, Inc.

  M1540P-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1540P-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1540P-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1540P-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1540P-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1540P-R3213-HB Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optional features
• Glass scale length or diameter:
Linear lengths from 5mm to 2m
Rotary diameters from 12mm to 108mm
Sensor the
size of a
Dime
Resolution
Factory Set:
x4, x8, x20, or x40
Linear: 5μm, 2.5μm, 1.0μm,
or 0.50μm
Rotary: 6,600 to 655,000 CPR
Accuracy
Linear: ± 1μm available
± 3μm to ± 5μm standard
Rotary: Up to ± 2.1 arc-sec
Output
A-quad-B and
Digital Index Window
Mercury
TM 1500P PCB-Mount Digital Encoders
Factory Set Resolution to 0.50μm
Reflective Linear and Rotary Encoders
Imagine what you can do with this!
OEMs can now use encoders for closed loop control where
it was previously not possible or cost effective. Engineers can
achieve dramatic improvements in system speed, throughput,
and reliability, while reducing cost, size and weight. The
Mercury 1500P series kit encoders make it all possible. The
digital output sensors mount directly on your printed circuit
board within an EMI shielded module. The low Z height of the
sensor, only 5.6mm, opens up exciting design possibilities.
The Mercury 1500P encoder is a digital output system. Designed for PC board mounting, it is available with linear or rotary scales.
Mercury’s space-saving, integrated configuration gives OEM system designers a breakthrough in performance.
Standard Features
• Small PCB mount sensor
• Sensor is 5.6mm (H) x 12.7mm (W) x 15.2mm (L) and weighs 2.6g
• Resolution:
Linear 5, 2.5, 1.0, 0.5µm;
Rotary 6,600 to 655,000 CPR
• Digital Differential Outputs: A-quad-B and Index window
• Bi-directional Index window signal
• Index mark at the center or end of the glass scale (linear)
Table of Contents
System & Sensor pg . 2
Specifications pg 3 -4
Scales pg . 5 - 6
O
rdering Information pg. 6


Similar Part No. - M1540P-R3213-HB

ManufacturerPart #DatasheetDescription
logo
Penn Elcom
M1542 PENNELCOM-M1542 Datasheet
195Kb / 1P
Top Hats & Poles
More results

Similar Description - M1540P-R3213-HB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV.D
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Sharp Corporation
GP2D150AJ00F SHARP-GP2D150AJ00F Datasheet
266Kb / 9P
Factory set trigger point: 15째
logo
Analog Devices
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
Variable Resolution, Resolver-to-Digital Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com