Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2436 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2436
Description  TRANSMIT/RECEIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2436 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2436 Datasheet HTML 1Page - RF Micro Devices RF2436 Datasheet HTML 2Page - RF Micro Devices RF2436 Datasheet HTML 3Page - RF Micro Devices RF2436 Datasheet HTML 4Page - RF Micro Devices RF2436 Datasheet HTML 5Page - RF Micro Devices RF2436 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9-24
RF2436
Rev A2 010717
9
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
0 to +8.0
VDC
Control Voltage
-1.0 to +6.0
V
Input RF Power
+30
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VDD=3.0V, Freq=900MHz
Frequency Range
DC to 2500
MHz
Insertion Loss
1
2
dB
Transmit or receive mode.
Isolation
20
22
dB
Receive mode; ANT I/O to TX IN crosstalk
20
24
dB
Transmit mode; ANT I/O to RXOUT crosstalk
RX OUT VSWR
1.1:1
Receive mode.
TX IN VSWR
1.1:1
Transmit mode.
Output P1dB
+27
dBm
Output IP3
+39
dBm
Control Logic
CTRL Logic “Low” Voltage
0
V
Receive mode.
CTRL Logic “High” Voltage
0.7
V
Transmit mode.
Power Supply
Voltage
3
V
Specifications
1.5 to 6
V
Operating Limits
Current
5
10
µA
Receive mode.
0.5
1
mA
Transmit mode.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com