Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2436 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2436
Description  TRANSMIT/RECEIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2436 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2436 Datasheet HTML 1Page - RF Micro Devices RF2436 Datasheet HTML 2Page - RF Micro Devices RF2436 Datasheet HTML 3Page - RF Micro Devices RF2436 Datasheet HTML 4Page - RF Micro Devices RF2436 Datasheet HTML 5Page - RF Micro Devices RF2436 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9-23
9
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
5
4
ANT I/O
TX/RX
RX OUT
GND
TX IN
RF2436
TRANSMIT/RECEIVE SWITCH
• Cordless Phones
• Wireless Computer Peripherals
• Wireless Security Systems
• General Purpose RF Switching
• Commercial and Consumer Systems
The RF2436 is a very low-cost transmit/receive GaAs
MESFET switch. The device can handle power levels as
high as +28dBm and spans a frequency range from DC
to 2500MHz. The switch will operate from power supply
voltages as low as 1.5 V and as high as 6V with a CMOS
logic driver for the control input. No negative voltage is
required, and current consumption is very low. VSWR for
the active channel (transmit or receive) is 1.1:1. The
device is housed in a very small industry-standard SOT
5-lead plastic package.
• Single Positive Power Supply
• Low Current Consumption
• 0.5dB Insertion Loss at 900MHz
• 24dB Crosstalk Isolation at 900MHz
• +27dBm Output P1dB
RF2436
Transmit/Receive Switch
RF2436 PCBA
Fully Assembled Evaluation Board
9
Rev A2 010717
1
1.60
+0.01
0.400
2.80
+0.20
2.90
+0.10
0.45
+0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT-5


Similar Part No. - RF2436

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436PCBA RFMD-RF2436PCBA Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436PCBA-41X RFMD-RF2436PCBA-41X Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
More results

Similar Description - RF2436

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Skyworks Solutions Inc.
RFX2411 SKYWORKS-RFX2411 Datasheet
998Kb / 9P
2.4GHZ TRANSMIT / RECEIVE ZIGBEE RFEIC WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com