Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2444 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2444
Description  HIGH FREQUENCY LNA/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2444 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2444 Datasheet HTML 7Page - RF Micro Devices RF2444 Datasheet HTML 8Page - RF Micro Devices RF2444 Datasheet HTML 9Page - RF Micro Devices RF2444 Datasheet HTML 10Page - RF Micro Devices RF2444 Datasheet HTML 11Page - RF Micro Devices RF2444 Datasheet HTML 12Page - RF Micro Devices RF2444 Datasheet HTML 13Page - RF Micro Devices RF2444 Datasheet HTML 14Page - RF Micro Devices RF2444 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
8-63
RF2444
Rev A3 010717
8
LNA + Mixer Gain versus RF Frequency (3.3 V),
Attenuator On
9.00
9.50
10.00
10.50
11.00
11.50
12.00
12.50
13.00
13.50
14.00
14.50
15.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C Gain
25C Gain
85C Gain
LNA + Mixer IIP3 versus RF Frequency (3.3 V),
Attenuator On
-11.00
-10.50
-10.00
-9.50
-9.00
-8.50
-8.00
-7.50
-7.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C IIP3
25C IIP3
85C IIP3
LNA + Mixer SSB Noise Figure versus VCC (2.45 GHz),
Attenuator Off
4.4
4.6
4.8
5.0
5.2
5.4
5.6
2.7
3.0
3.3
3.6
VCC
25C NF
85C NF
-40C NF
LNA + Mixer SSB Noise Figure versus
RF Frequency (3.3 V), Attenuator Off
3.00
3.50
4.00
4.50
5.00
5.50
2.40
2.45
2.50
RF Frequency (GHz)
25C NF
85C NF
-40C NF
LNA + Mixer SSB Noise Figure versus VCC (2.45 GHz),
Attenuator On
17.8
18.0
18.2
18.4
18.6
18.8
19.0
19.2
19.4
19.6
19.8
2.73.0
3.33.6
VCC
25C NF
85C NF
-40C NF
LNA + Mixer SSB NoiseFigureversus
RF Frequency (3.3 V), Attenuator On
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
2.40
2.45
2.50
RF Frequency (GHz)
25C NF
85C NF
-40C NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com