Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2444 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2444
Description  HIGH FREQUENCY LNA/MIXER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2444 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2444 Datasheet HTML 1Page - RF Micro Devices RF2444 Datasheet HTML 2Page - RF Micro Devices RF2444 Datasheet HTML 3Page - RF Micro Devices RF2444 Datasheet HTML 4Page - RF Micro Devices RF2444 Datasheet HTML 5Page - RF Micro Devices RF2444 Datasheet HTML 6Page - RF Micro Devices RF2444 Datasheet HTML 7Page - RF Micro Devices RF2444 Datasheet HTML 8Page - RF Micro Devices RF2444 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8-53
8
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GAIN SEL
LNA IN
PD
VCC1
VCC2
MIX OUT-
MIX OUT+
LO IN
VCC4
LNA OUT
NC
NC
MIXIN
GND3
VCC3
RX EN
LNA
MIXER
RF AMP
Bias
Circuits
BACKSIDE GND
RF2444
HIGH FREQUENCY LNA/MIXER
• WLAN or Wireless Local Loop
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Part of 2.4GHz Chipset
• Portable Battery-Powered Equipment
• UHF Digital and Analog Receivers
The RF2444 is a monolithic integrated UHF receiver front
end suitable for 2.4GHz ISM band applications. The IC
contains all of the required components to implement the
RF functions of the receiver except for the passive filter-
ing and LO generation. It contains an LNA (low-noise
amplifier), a second RF amplifier and a doubly balanced
mixer. The output of the LNA is made available as an out-
put to permit the insertion of a bandpass filter between
the LNA and the RF/Mixer section. The mixer outputs can
be selectivelydisabledtoallowfor theIFfilter tobeused
in the transmit mode.
• Single 2.7V to 3.6V Power Supply
• 2400MHz to 2500MHz Operation
• Two Gain Settings: 28dB or 12dB
• 4.5dB CascadedNF, HighGainMode
• 20mA DC Current Consumption
• Input IP3: -23dBm or -8dBm
RF2444
High Frequency LNA/Mixer
RF2444 PCBA-H Fully Assembled Evaluation Board (2.5GHz)
8
Rev A3 010717
NOTES:
1. Shaded lead is pin 1.
2. Lead coplanarity - 0.10 with
respect to datum "A".
3. Lead standoff is specified from the
lowest point on the package underside.
8° MAX
0° MIN
0.60
+0.15
0.24
0.20
3.90
+0.10
0.25
+0.05
0.65
6.00
+0.20
4.90
+0.20
1.40
+0.10
0.05
+0.05
Note 3
-A-
Dimensions in mm.
3.302
2.286
EXPOSED DIE
FLAG
Package Style: SSOP-16 EDF Slug


Similar Part No. - RF2444

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442PCBA-H RFMD-RF2442PCBA-H Datasheet
201Kb / 10P
HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442PCBA-H RFMD-RF2442PCBA-H Datasheet
311Kb / 12P
HIGH-LINEARITY LOW NOISE AMPLIFIER
More results

Similar Description - RF2444

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
HIGH FREQUENCY LNA/MIXER
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
logo
RF Micro Devices
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com