Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2494 Datasheet (PDF) - RF Micro Devices

RF2494 Datasheet PDF - RF Micro Devices
Part # RF2494
Download  RF2494 Download
File Size   233.87 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH FREQUENCY LNA/MIXER

RF2494 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2494 Datasheet PDF - RF Micro Devices

Part # RF2494
Download  RF2494 Click to download

File Size   233.87 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH FREQUENCY LNA/MIXER

RF2494 Datasheet (HTML) - RF Micro Devices


RF2494 Product details

Product Description
The RF2494 is a monolithic integrated UHF receiver front end suitable for 2.4GHz ISM band applications. The IC contains all of the required components to implement the RF functions of the receiver except for the passive filtering and LO generation. It contains an LNA (low-noise amplifier), a second RF amplifier and a doubly balanced mixer. The output of the LNA is made available as an output to permit the insertion of a bandpass filter between the LNA and the RF/Mixer section. The mixer outputs can be selectively disabled to allow for the IF filter to be used in the transmit mode.

Features
• Single 2.7V to 3.6V Power Supply
• 2400MHz to 2500MHz Operation
• Two Gain Settings: 28dB or 12dB
• 4.5dB Cascaded NF, High Gain Mode
• 20mA DC Current Consumption
• Input IP3: -23dBm or -8dBm

Typical Applications
• Part of 2.4GHz IEEE802.11b WLANs
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• WLAN or Wireless Local Loop
• Portable Battery-Powered Equipment
• UHF Digital and Analog Receivers




Similar Part No. - RF2494

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
SAW Filter
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results


Similar Description - RF2494

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
RF2444 RFMD-RF2444 Datasheet
225Kb / 16P
HIGH FREQUENCY LNA/MIXER
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
logo
RF Micro Devices
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com