Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2494 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2494
Description  HIGH FREQUENCY LNA/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2494 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2494 Datasheet HTML 1Page - RF Micro Devices RF2494 Datasheet HTML 2Page - RF Micro Devices RF2494 Datasheet HTML 3Page - RF Micro Devices RF2494 Datasheet HTML 4Page - RF Micro Devices RF2494 Datasheet HTML 5Page - RF Micro Devices RF2494 Datasheet HTML 6Page - RF Micro Devices RF2494 Datasheet HTML 7Page - RF Micro Devices RF2494 Datasheet HTML 8Page - RF Micro Devices RF2494 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-53
8
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
PD
VCC1
VCC2
MIX OUT-
GND3
MIX IN
NC
NC
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
11
Bias
Circuits
LNA
RF AMP
RF2494
HIGH FREQUENCY LNA/MIXER
• Part of 2.4GHz IEEE802.11b WLANs
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• WLAN or Wireless Local Loop
• Portable Battery-Powered Equipment
• UHF Digital and Analog Receivers
The RF2494 is a monolithic integrated UHF receiver front
end suitable for 2.4GHz ISM band applications. The IC
contains all of the required components to implement the
RF functions of the receiver except for the passive filter-
ing and LO generation. It contains an LNA (low-noise
amplifier), a second RF amplifier and a doubly balanced
mixer. The output of the LNA is made available as an out-
put to permit the insertion of a bandpass filter between
the LNA and the RF/Mixer section. The mixer outputs can
be selectivelydisabledtoallowfor theIFfilter tobeused
in the transmit mode.
• Single 2.7V to 3.6V Power Supply
• 2400MHz to 2500MHz Operation
• Two Gain Settings: 28dB or 12dB
• 4.5dB CascadedNF, HighGainMode
• 20mA DC Current Consumption
• Input IP3: -23dBm or -8dBm
RF2494
High Frequency LNA/Mixer
RF2494 PCBA-H Fully Assembled Evaluation Board (2.5GHz)
8
Rev A0 010730
Dimensions in mm.
1.85
1.55 sq.
.60
.24 typ
.75
.50
.23
.13
4PLCS
.65
.30
4PLCS
4.00
sq.
2
.35
.23
.65
.05
.01
12°
max
1.00
0.85
.80
.65
NOTES:
Shaded Pin is Lead 1.
1
5
Die thickness allowable: 0.305 mm max.
Package Warpage: 0.05 max.
4
Pin 1 identifier must exist on top surface of package by identification mark or
feature on the package body. Exact shape and size is optional.
3
Dimension applies to plated terminal and is measured between 0.02 mm and
0.25 mm from terminal end.
2
Package Style: LCC, 16-Pin, 4x4


Similar Part No. - RF2494

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
SAW Filter
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2494

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
RF2444 RFMD-RF2444 Datasheet
225Kb / 16P
HIGH FREQUENCY LNA/MIXER
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
1.0GHz Receiver LNA/Mixer/VCO
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
logo
RF Micro Devices
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com