Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2494 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2494
Description  HIGH FREQUENCY LNA/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2494 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2494 Datasheet HTML 6Page - RF Micro Devices RF2494 Datasheet HTML 7Page - RF Micro Devices RF2494 Datasheet HTML 8Page - RF Micro Devices RF2494 Datasheet HTML 9Page - RF Micro Devices RF2494 Datasheet HTML 10Page - RF Micro Devices RF2494 Datasheet HTML 11Page - RF Micro Devices RF2494 Datasheet HTML 12Page - RF Micro Devices RF2494 Datasheet HTML 13Page - RF Micro Devices RF2494 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary
8-65
RF2494
Rev A0 010730
8
Mixer Gain versus VCC (2.45 GHz)
16.0
17.0
18.0
19.0
20.0
21.0
22.0
2.73.0
3.33.6
VCC
-40C Gain
25C Gain
85C Gain
Mixer IIP3 versus VCC (2.45 GHz)
-18.0
-17.5
-17.0
-16.5
-16.0
-15.5
-15.0
-14.5
2.7
3.0
3.3
3.6
VCC
-40C IIP3
25C IIP3
85C IIP3
Mixer Gain versus RF Frequency (3.3 V)
16.00
17.00
18.00
19.00
20.00
21.00
22.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C Gain
25C Gain
85C Gain
Mixer IIP3 versus RF Frequency (3.3 V)
-18.50
-18.00
-17.50
-17.00
-16.50
-16.00
-15.50
-15.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C IIP3
25C IIP3
85C IIP3
Mixer SSB Noise Figure versus VCC (2.45 GHz)
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
2.73.0
3.33.6
VCC
-40C NF
25C NF
85C NF
Mixer SSB Noise Figure versus RF Frequency (3.3 V)
7.00
8.00
9.00
10.00
11.00
12.00
13.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C NF
25C NF
85C NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com