Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2494 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2494
Description  HIGH FREQUENCY LNA/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2494 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2494 Datasheet HTML 6Page - RF Micro Devices RF2494 Datasheet HTML 7Page - RF Micro Devices RF2494 Datasheet HTML 8Page - RF Micro Devices RF2494 Datasheet HTML 9Page - RF Micro Devices RF2494 Datasheet HTML 10Page - RF Micro Devices RF2494 Datasheet HTML 11Page - RF Micro Devices RF2494 Datasheet HTML 12Page - RF Micro Devices RF2494 Datasheet HTML 13Page - RF Micro Devices RF2494 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary
8-63
RF2494
Rev A0 010730
8
LNA Gain versus VCC (2.45 GHz),
Attenuator Off
9.5
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
2.73.0
3.33.6
VCC
-40C Gain
25C Gain
85C Gain
LNA IIP3 versus VCC (2.45 GHz),
Attenuator Off
-2.8
-2.7
-2.6
-2.5
-2.4
-2.3
-2.2
-2.1
-2.0
2.7
3.0
3.3
3.6
VCC
-40C IIP3
25C IIP3
85C IIP3
LNA Gain versus VCC (2.45 GHz),
Attenuator On
-5.6
-5.4
-5.2
-5.0
-4.8
-4.6
-4.4
-4.2
-4.0
2.7
3.0
3.3
3.6
VCC
-40C Gain
25C Gain
85C Gain
LNA IIP3 versus VCC (2.45 GHz),
Attenuator On
-3.0
-2.8
-2.6
-2.4
-2.2
-2.0
-1.8
2.7
3.0
3.3
3.6
VCC
-40C IIP3
25C IIP3
85C IIP3
LNA Gain versus RF Frequency (3.3 V),
Attenuator Off
9.70
9.80
9.90
10.00
10.10
10.20
10.30
10.40
10.50
10.60
10.70
2.40
2.45
2.50
RF Frequency (GHz)
-40C Gain
25C Gain
85C Gain
LNA IIP3 versus RF Frequency (3.3 V),
Attenuator Off
-3.50
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
2.40
2.45
2.50
RF Frequency (GHz)
-40C IIP3
25C IIP3
85C IIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com