Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2495 Datasheet (PDF) - RF Micro Devices

RF2495 Datasheet PDF - RF Micro Devices
Part # RF2495
Download  RF2495 Download
File Size   1974.47 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 900MHZ 3V LOW CURRENT LNA/MIXER

RF2495 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2495 Datasheet PDF - RF Micro Devices

Part # RF2495
Download  RF2495 Click to download

File Size   1974.47 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 900MHZ 3V LOW CURRENT LNA/MIXER

RF2495 Datasheet (HTML) - RF Micro Devices


RF2495 Product details

Product Description
The RF2495 is a front-end receiver IC chip developed for the handset/portable battery-powered equipment markets. The chip contains an RF 15dB attenuator, an LNA and a passive mixer. By using a state-of-the-art Silicon Bi-CMOS process, the LNA has high dynamic range under low DC operating conditions and the passive mixer requires no DC bias at all. Packaged in the industry-standard MSOP-10 package, the device is well-suited for limited board space applications.

Features
• Single Supply 3V Operation
• 1.9dB LNA NF
• 0dBm Input IP3
• Small MSOP-10 Package
• Low Current Drain (11mA maximum)
• Very Low Cost

Typical Applications
• UHF Digital and Analog Receivers
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• General Purpose Frequency Conversion




Similar Part No. - RF2495

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
SAW Filter
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
HIGH FREQUENCY LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results


Similar Description - RF2495

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
Low Current, 3V PCS Band CDMA LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
900Mhz low Power Mixer
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com