Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2495 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2495
Description  900MHZ 3V LOW CURRENT LNA/MIXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2495 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2495 Datasheet HTML 1Page - RF Micro Devices RF2495 Datasheet HTML 2Page - RF Micro Devices RF2495 Datasheet HTML 3Page - RF Micro Devices RF2495 Datasheet HTML 4Page - RF Micro Devices RF2495 Datasheet HTML 5Page - RF Micro Devices RF2495 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8-284
RF2495
Rev A4 030220
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
ATTN
C4
0.01
µF
C2
4.7
µF
+
R1
10
Ω
VCC1
C1
22 nF
J1
LNA IN
L5
68 nH
L4
10 nH
C10
5 pF
J4
RF IN
C11
10 pF
J5
IF OUT
R2
10
Ω
VCC2
C2
2.4 pF
C5
47 pF
J3
LNA OUT
L2
10 nH
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
50
Ω µstrip
C3
47 pF
Switched
Attenuator
Chip Power
ON/OFF
1
2
3
4
5
10
9
8
7
6
2495400A
P1
1
2
3
CON3
P1-3
ENABLE
GND
P1-1
VCC1
P2
1
2
3
CON3
P2-3
ATTN
GND
P2-1
VCC2
C12
2.2 nF
R3
330
Ω
L1
12 nH
ENABLE
C7
10 pF
L3
8.2 nH
C9
6 pF
J2
LO IN
50
Ω µstrip
+
C14
4.7 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com