Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2495 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2495
Description  900MHZ 3V LOW CURRENT LNA/MIXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2495 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2495 Datasheet HTML 1Page - RF Micro Devices RF2495 Datasheet HTML 2Page - RF Micro Devices RF2495 Datasheet HTML 3Page - RF Micro Devices RF2495 Datasheet HTML 4Page - RF Micro Devices RF2495 Datasheet HTML 5Page - RF Micro Devices RF2495 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8-281
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
Switched
Attenuator
Chip Power
ON/OFF
1
2
3
4
5
10
9
8
7
6
VCC1
LNA IN
GND2
GND1
ATTN
PD
GATE
DRAIN
SOURCE
LNA OUT
RF2495
900MHZ 3V LOW CURRENT LNA/MIXER
• UHF Digital and Analog Receivers
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• General Purpose Frequency Conversion
The RF2495 is a front-end receiver IC chip developed for
the handset/portable battery-powered equipment mar-
kets. The chip contains an RF 15dB attenuator, an LNA
and a passive mixer. By using a state-of-the-art Silicon
Bi-CMOS process, the LNA has high dynamic range
under low DC operating conditions and the passive mixer
requires no DC bias at all. Packaged in the industry-stan-
dard MSOP-10 package, the device is well-suited for lim-
ited board space applications.
• Single Supply 3V Operation
• 1.9dB LNA NF
• 0dBm Input IP3
• Small MSOP-10 Package
• Low Current Drain (11mA maximum)
• Very Low Cost
RF2495
900MHz 3V Low Current LNA/Mixer
RF2495 PCBA
Fully Assembled Evaluation Board
0
Rev A4 030220
0.192
0.118
0.118
0.008
0.004
± 0.002
0.038
± 0.006
0.0197
± 0.0004
0.021
± 0.004
0.006
± 0.002
0.014 TYP
6.0°
0.0°
Package Style: MSOP-10
!


Similar Part No. - RF2495

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF2490 REYCONNS-RF2490 Datasheet
205Kb / 5P
SAW Filter
RF2491 REYCONNS-RF2491 Datasheet
205Kb / 5P
SAW Filter
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
RF2494 RFMD-RF2494 Datasheet
233Kb / 14P
HIGH FREQUENCY LNA/MIXER
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2495

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3632 TRIQUINT-TQ3632 Datasheet
212Kb / 12P
Low Current, 3V PCS Band CDMA LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
900MHz Low Power Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
900Mhz low Power Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com