Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2472
Description  2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2472 Datasheet HTML 1Page - RF Micro Devices RF2472 Datasheet HTML 2Page - RF Micro Devices RF2472 Datasheet HTML 3Page - RF Micro Devices RF2472 Datasheet HTML 4Page - RF Micro Devices RF2472 Datasheet HTML 5Page - RF Micro Devices RF2472 Datasheet HTML 6Page - RF Micro Devices RF2472 Datasheet HTML 7Page - RF Micro Devices RF2472 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
4-88
RF2472
Rev A6 011023
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to 4.0
V
Input RF Level
0
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=27°C, VCC=3.0V
Frequency Range
DC to >6000
MHz
2.4GHz LNA Operation
T=27°C, VCC=3.0V, Freq=2440MHz
Gain
13.0
14.6
17.0
dB
Noise Figure
1.5
dB
Input IP3
+8.0
+10.0
+20.0
dBm
Two tones at 1MHz spacing, -15dBm output
Input P1dB
-10
dBm
PCS and K-PCS LNA
Operation
T=27°C, VCC=3.0V, Freq=1960MHz
Gain
16.3
dB
Noise Figure
1.4
dB
Input IP3
+8
dBm
Two tones at 1MHz spacing, -12dBm output
Input P1dB
-12
dBm
Power Supply
Operating Voltage
2.7 to 3.6
V
Operating Current
4.0
6.0
8.0
mA
VCC=3.0V, PD=3.0V
<1.0
3.0
µAV
CC =3.0 V, PD = 0 V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com