Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2472 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2472
Description  2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2472 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2472 Datasheet HTML 1Page - RF Micro Devices RF2472 Datasheet HTML 2Page - RF Micro Devices RF2472 Datasheet HTML 3Page - RF Micro Devices RF2472 Datasheet HTML 4Page - RF Micro Devices RF2472 Datasheet HTML 5Page - RF Micro Devices RF2472 Datasheet HTML 6Page - RF Micro Devices RF2472 Datasheet HTML 7Page - RF Micro Devices RF2472 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
4-87
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
5
4
RF OUT
PD
VCC
GND
RF IN
RF2472
2.4GHZ LOW NOISE AMPLIFIER WITH ENABLE
• TDMA/CDMA PCS LNA
• TDMA/CDMA/FM Cellular LNA
• ISM Band LNA/Driver
• Low Noise Transmit Driver Amplifier
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2472 is a general purpose, low-cost, high-perfor-
mance amplifier designed for operation from a 2.7V to 4V
supply with low current consumption. The device is opti-
mized for 2.4GHz LNA applications, but is also useful for
1.9GHz PCS and K-PCS, 900MHz ISM, and 1.5GHz
GPS applications. The RF2472 is available in a very
small industry-standard SOT23 5-lead surface mount
package, enabling compact designs which conserve
board space.
• DC to >6GHz Operation
• 2.7V to 4.0V Single Supply
• High Input IP3
• 1.5dB Noise Figure at 2400MHz
•14dB Gain at 2400MHz
• Low Current Consumption of 6mA at 3V
RF2472
2.4GHz Low Noise Amplifier with Enable
RF2472 PCBA-410Fully Assembled Evaluation Board, 2.4GHz
RF2472 PCBA-411Fully Assembled Evaluation Board, 1.9GHz
4
Rev A6 011023
1
1.60
+0.01
0.400
2.80
+0.20
2.90
+0.10
0.45
+0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT 5 Lead


Similar Part No. - RF2472

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2472 RFMD-RF2472 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472 Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
More results

Similar Description - RF2472

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3424 INTERSIL-HFA3424 Datasheet
43Kb / 5P
2.4GHz - 2.5GHz Low Noise Amplifier
January 1997
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
logo
RF Micro Devices
RF2472 RFMD-RF2472_06 Datasheet
225Kb / 10P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
RF2472 RFMD-RF2472_1 Datasheet
329Kb / 12P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Linear Technology
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC
logo
RF Micro Devices
RF5515 RFMD-RF5515 Datasheet
634Kb / 9P
4.9GHz TO 5.85GHZ LOW NOISE AMPLIFIER WITH ENABLE
RF2472G RFMD-RF2472G_11 Datasheet
219Kb / 11P
2.4GHz LOW NOISE AMPLIFIER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com