Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2485 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2485
Description  VHF QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2485 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2485 Datasheet HTML 1Page - RF Micro Devices RF2485 Datasheet HTML 2Page - RF Micro Devices RF2485 Datasheet HTML 3Page - RF Micro Devices RF2485 Datasheet HTML 4Page - RF Micro Devices RF2485 Datasheet HTML 5Page - RF Micro Devices RF2485 Datasheet HTML 6Page - RF Micro Devices RF2485 Datasheet HTML 7Page - RF Micro Devices RF2485 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
5-60
RF2485
Rev A3 010820
5
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
POWER
CONTROL
Σ
+45°
-45°
P1-1
C2
100 nF
C1
33 pF
P1-3
C5
33 pF
R1
56
Ω
J2
QSIG
J3
LO IN
J4
RF OUT
50
Ωµstrip
J1
ISIG
50
Ωµstrip
C3
100 pF
50
Ωµstrip
C4
100 pF
50
Ωµstrip
P1-3
VREF
GND
P1-1
VDD
P1
1
2
3
CON3
2485400, Rev. -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com