Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2485 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2485
Description  VHF QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2485 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2485 Datasheet HTML 1Page - RF Micro Devices RF2485 Datasheet HTML 2Page - RF Micro Devices RF2485 Datasheet HTML 3Page - RF Micro Devices RF2485 Datasheet HTML 4Page - RF Micro Devices RF2485 Datasheet HTML 5Page - RF Micro Devices RF2485 Datasheet HTML 6Page - RF Micro Devices RF2485 Datasheet HTML 7Page - RF Micro Devices RF2485 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-55
5
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD2
VDD1
NC
ISIG
IREF
QREF
QSIG
RF OUT
GND2
GND
GND
GND1
PHASE
LO IN
POWER
CONTROL
Σ
+45°
-45°
RF2485
VHF QUADRATURE MODULATOR
• Digital and Spread-Spectrum Systems
• GMSK, QPSK, DQPSK, QAM Modulation
• Private Mobile Radio and TETRA systems
• AM, SSB, DSB Modulation
• Image-Reject Upconverters
The RF2485 is a monolithic integrated universal modula-
tion system capable of generating modulated AM, PM, or
compound carriers in the VHF and UHF frequency range.
The IC contains all of the required components to imple-
ment the modulation function including differential amplifi-
ers for the baseband inputs, a 90° hybrid phase splitter,
limiting LO amplifiers, two balanced mixers, a combining
amplifier, and an output RF amplifier which will drive a
50
Ω load. Component matching, which can only be
accomplished with monolithic construction, is used to full
advantage to obtain excellent amplitude balance and high
phase accuracy. The unit features low power consump-
tion, single power supply operation and adjustment free
operation with no external parts required to operate the
part as specified.
• Single 5V Power Supply
•Low Power
• Excellent Amplitude and Phase Balance
• Extremely Low Broadband Noise Floor
• 200MHz to 600MHz Operation
RF2485
VHF Quadrature Modulator
RF2485 PCBA
Fully Assembled Evaluation Board
5
Rev A3 010820
0.156
0.148
0.059
0.057
0.252
0.236
0.010
0.004
.018
.014
8° MAX
0° MIN
0.0500
0.0164
0.010
0.007
0.347
0.339
0.050
Package Style: SOIC-14


Similar Part No. - RF2485

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
196Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2480PCBA RFMD-RF2480PCBA Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2485

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
UHF QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com