Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2488 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF2488
Description  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF2488 Datasheet HTML 14Page - RF Micro Devices RF2488 Datasheet HTML 15Page - RF Micro Devices RF2488 Datasheet HTML 16Page - RF Micro Devices RF2488 Datasheet HTML 17Page - RF Micro Devices RF2488 Datasheet HTML 18Page - RF Micro Devices RF2488 Datasheet HTML 19Page - RF Micro Devices RF2488 Datasheet HTML 20Page - RF Micro Devices RF2488 Datasheet HTML 21Page - RF Micro Devices RF2488 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Preliminary
8-143
RF2488
Rev A0 010905
8
LNA2+Mixer2 Input IP3 versus LO Amplitude
Gain Select=High, 1960/1961 MHz, -40 dBm per tone, VCC=3.0 V
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
LO Amplitude (dBm)
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
+25°C IIP3, IFout1
-40°C IIP3, IFout1
+85°C IIP3, IFout1
+25°C IIP3, IFout2
-40°C IIP3, IFout2
+85°C IIP3, IFout2
LNA2+Mixer2 Current versus Supply Voltage
Gain Select=High, 1960 MHz, LO PIN=-6dBm
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
2.62.7
2.82.9
3.03.1
3.23.3
3.4
Supply Voltage (V)
+25°C Current
-40°C Current
+85°C Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com