Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2512 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2512
Description  UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2512 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2512 Datasheet HTML 6Page - RF Micro Devices RF2512 Datasheet HTML 7Page - RF Micro Devices RF2512 Datasheet HTML 8Page - RF Micro Devices RF2512 Datasheet HTML 9Page - RF Micro Devices RF2512 Datasheet HTML 10Page - RF Micro Devices RF2512 Datasheet HTML 11Page - RF Micro Devices RF2512 Datasheet HTML 12Page - RF Micro Devices RF2512 Datasheet HTML 13Page - RF Micro Devices RF2512 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
11-23
RF2512
Rev B9 010509
11
TX Power versus VCC
Level Adjust = VCC, 915 MHZ
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC (V)
-40°C
-15°C
+10°C
+35°C
+60°C
+85°C
ICC versus VCC
Level Adjust = VCC, 915 MHz
15.0
20.0
25.0
30.0
35.0
40.0
45.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC (V)
-40°C
-15°C
+10°C
+35°C
+60°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com