Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2512 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2512
Description  UHF TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2512 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2512 Datasheet HTML 1Page - RF Micro Devices RF2512 Datasheet HTML 2Page - RF Micro Devices RF2512 Datasheet HTML 3Page - RF Micro Devices RF2512 Datasheet HTML 4Page - RF Micro Devices RF2512 Datasheet HTML 5Page - RF Micro Devices RF2512 Datasheet HTML 6Page - RF Micro Devices RF2512 Datasheet HTML 7Page - RF Micro Devices RF2512 Datasheet HTML 8Page - RF Micro Devices RF2512 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ü
11-11
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
20
18
23
Prescaler
128/129 or
64/65
Phase
Detector &
Charge Pump
24
14
12
15
OSC SEL
8
TX OUT
1
3
Gain
Control
16
7
13
2
Ref.
Select
PRESCL OUT
MOD CTRL
DIV CTRL
RF2512
UHF TRANSMITTER
• Single- or Dual-Channel LO Source
• FM/FSK Transmitter
• Wireless Data Transmitters
• 433/868/915MHz ISM Band Systems
• Wireless Security Systems
The RF2512 is a monolithic integrated circuit intended for
use as a low-cost frequency synthesizer and transmitter.
Thedeviceis providedina 24 pinSSOP package andis
designed to provide a phased locked frequency source
for use in local oscillator or transmitter applications. The
chip can beusedinFM or FSK applications in theU.S.
915MHz ISM band and European 433MHz or 868MHz
ISM band. The integrated VCO, dual-modulus/dual-divide
(128/129 or 64/65) prescaler, and reference oscillator
require only the addition of an external crystal to provide
a complete phase-locked oscillator. A second reference
oscillator is available to support two channel applications.
• Fully Integrated PLL Circuit
• 15mW Output Power at 433MHz
• 2.7V to 5.0V Supply Voltage
• Low Current and Power Down Capability
• 300MHz to 1000MHz Frequency Range
• Narrowband and Wideband FM
RF2512
UHF Transmitter
RF2512 PCBA-L
Fully Assembled Evaluation Board, 433MHz
RF2512 PCBA-M Fully Assembled Evaluation Board, 868MHz
RF2512 PCBA-H Fully Assembled Evaluation Board, 915MHz
11
Rev B9 010509
8°MAX
0°MIN
1
0.050
0.016
0.0098
0.0075
0.2440
0.2284
0.025
0.012
0.008
0.0688
0.0532
0.157
0.150
0.0098
0.0040
0.344
0.337
Package Style: SSOP-24


Similar Part No. - RF2512

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
VHF/UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
More results

Similar Description - RF2512

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
VHF/UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
VHF/UHF TRANSMITTER
logo
ATMEL Corporation
U2745B ATMEL-U2745B Datasheet
188Kb / 9P
UHF ASK TRANSMITTER
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
UHF ASK Transmitter
logo
RF Micro Devices
RF2514 RFMD-RF2514_06 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514_1 Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
UHF FM/AM Transmitter
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com