Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2643 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2643
Description  3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2643 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2643 Datasheet HTML 8Page - RF Micro Devices RF2643 Datasheet HTML 9Page - RF Micro Devices RF2643 Datasheet HTML 10Page - RF Micro Devices RF2643 Datasheet HTML 11Page - RF Micro Devices RF2643 Datasheet HTML 12Page - RF Micro Devices RF2643 Datasheet HTML 13Page - RF Micro Devices RF2643 Datasheet HTML 14Page - RF Micro Devices RF2643 Datasheet HTML 15Page - RF Micro Devices RF2643 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary
6-49
RF2643
Rev A1 010717
6
Cellular Driver Noise Figure
@2.7 V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
0.70.9
1.11.3
1.51.7
1.92.1
VGC (V)
NF, -30º
NF, 25º
NF, 85º
PCS Current
31.5
31.7
31.9
32.1
32.3
32.5
32.7
32.9
33.1
33.3
33.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Icc, -30º
Icc, 25º
Icc, 85º
PCS Mixer Conversion Gain
@LO = -10 dBm
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
PCS Mixer Conversion
@LO = -3 dBm
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
PCS LO toRFLeakage
@LO = -10 dBm
-22.4
-22.3
-22.2
-22.1
-22.0
-21.9
-21.8
-21.7
-21.6
-21.5
-21.4
-21.3
2.7
2.8
2.9
3.0
3.1
3.2
3.3
VCC (V)
LO2RF, -30º
LO2RF, 25º
LO2RF, 85º
PCS LO toRFLeakage
@LO = -3 dBm
-18.20
-18.15
-18.10
-18.05
-18.00
-17.95
-17.90
-17.85
-17.80
-17.75
-17.70
-17.65
2.70
2.80
2.90
3.00
3.10
3.20
3.30
VCC (V)
LO2RF, -30º
LO2RF, 25º
LO2RF, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com