Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2643 Datasheet (PDF) - RF Micro Devices

RF2643 Datasheet PDF - RF Micro Devices
Part # RF2643
Download  RF2643 Download
File Size   375.24 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER

RF2643 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2643 Datasheet PDF - RF Micro Devices

Part # RF2643
Download  RF2643 Click to download

File Size   375.24 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER

RF2643 Datasheet (HTML) - RF Micro Devices


RF2643 Product details

Product Description
The RF2643 is a complete upconverter, dual-power amplifier driver and attenuator designed for Cellular and PCS systems. It is designed to upconverter and amplifies RF signals while providing 22dB of linear gain control range. It features digital control for the mixer and drivers. The device features balanced IF inputs, single-ended LO input and dual RF output for Cellular and PCS Systems respectively. The IC is manufactured on an advanced Silicon Bi-CMOS process and packaged in a 20-pin, 4mmx4mm, leadless chip carrier with an exposed die flag.

Features
• Single Supply 3.0V Operation
• Power Down Control
• Gain Control Range of 22dB
• Driver Amplifier Select Pin (RF Output Select)
• High Linearity in Mixer and Driver Amp

Typical Applications
• TDMA/AMPS Cellular Systems
• CDMA/AMPS Cellular Systems
• PCS Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2643

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2640 RFMD-RF2640 Datasheet
102Kb / 6P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results


Similar Description - RF2643

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2640 RFMD-RF2640 Datasheet
102Kb / 6P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
logo
Motorola, Inc
MRFIC1884 MOTOROLA-MRFIC1884 Datasheet
52Kb / 4P
Dual-Band CDMA Upconverter
MC13751 MOTOROLA-MC13751 Datasheet
113Kb / 5P
DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
logo
RF Micro Devices
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2642 RFMD-RF2642_06 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642_1 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com