Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2640 Datasheet (PDF) - RF Micro Devices

RF2640 Datasheet PDF - RF Micro Devices
Part # RF2640
Download  RF2640 Download
File Size   102.4 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER

RF2640 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2640 Datasheet PDF - RF Micro Devices

Part # RF2640
Download  RF2640 Click to download

File Size   102.4 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER

RF2640 Datasheet (HTML) - RF Micro Devices


RF2640 Product details

Product Description
The RF2640 is a complete upconverter and power amplifier driver designed for TDMA and CDMA applications. The device features balanced IF inputs, single-ended LO input and RF output for ease of interface. Packaged in an industry standard MSOP-10 package, the device provides a low-cost solution while easing board space limitations.

Features
• Single Supply 3.0V Operation
• +8.5dBm Output P1dB
• +19dBm Output IP3
• Power Down Control
• 23dB Conversion Gain

Typical Applications
• TDMA/AMPS Cellular Systems
• CDMA/AMPS Cellular Systems
• Portable Battery Powered Equipment




Similar Part No. - RF2640

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642PCBA-41X RFMD-RF2642PCBA-41X Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results


Similar Description - RF2640

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2642 RFMD-RF2642 Datasheet
155Kb / 8P
3V 900MHZ UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2643 RFMD-RF2643 Datasheet
375Kb / 16P
3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF2642 RFMD-RF2642_06 Datasheet
190Kb / 10P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
RF2642 RFMD-RF2642_1 Datasheet
332Kb / 12P
3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com