Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2668 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices RF2668 Datasheet HTML 10Page - RF Micro Devices RF2668 Datasheet HTML 11Page - RF Micro Devices RF2668 Datasheet HTML 12Page - RF Micro Devices RF2668 Datasheet HTML 13Page - RF Micro Devices RF2668 Datasheet HTML 14Page - RF Micro Devices RF2668 Datasheet HTML 15Page - RF Micro Devices RF2668 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary
5-83
RF2668
Rev B4 010423
5
Evaluation Board Schematic
Dual Output Band
Band Gap
Rel
Bias
Supply
Quad
/2
Σ
48
45
46
47
44
43
42
41
40
39
38
37
13
16
15
14
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
L1
100 nH
C3
0.5 pF
50
Ωµstrip
J1
PCS
RF OUT
VCC
C18
10 nF
VCC
C5
100 pF
50
Ωµstrip
J2
LO2
C6
100 pF
C9
1nF
T1
T4-1
50
Ωµstrip
J3
MIX IN
C8
1nF
C7
1nF
C1
1nF
C2
10 nF
VCC MODE CE
TX
EN
MIX
EN
VCO
EN
PLL
ON
R3
270
Ω
C19
1nF
50
Ωµstrip
J8
OSC REF
SET1
SET2
R2
47 k
Ω
C13
10 nF
VCC
T3
T4-1
R7
200
Ω
50
Ωµstrip
J7
L01
D1
L2
39 nH
C16*
L3
39 nH
VCC
R8*
C17
10 nF
R9
3.9 k
Ω
VTUNE
DO
LD
C20
10 nF
DO
T2
T4-1
50
Ωµstrip
J4
MOD OUT
C10
10 nF
VCC
C11
1nF
C12
1nF
R1
39 k
Ω
VGC
VCC
C23
10 nF
50
Ωµstrip
J5
OSIG
C24
10 nF
REF
50
Ω µstrip
J6
ISIG
P1
1
2
3
4
5
6
7
8
9
10
LDOUT
GND
SET2
SET1
PLLON
VCO EN
MIX EN
TX EN
CE
MODE
P2
1
2
3
VGC
GND
REF
P3
1
2
3
VCC
GND
VTUNE
Lock
Detect
/R
/N
Charge
Pump
R4
36 k
Ω
C26
1nF
C22
220 pF
C21
2.2 nF
C27
33 pF
2668401-
C4
10 nF
Chip Enable
R5
510
Ω
LD
C25
10 nF
R10
510 k
Ω
R6*
LD OUT
Q1
PNP
Digikey
MMBT3906DICT-ND
VCC
L4*
22 nH
R11*
C28*
4pF
R12*
L5
10 nH
L6*
C29
3pF
L7
22 nH
L8*
50
Ωµstrip
J9
Cellular
RF OUT
*Denotes not normally populated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com