Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2668 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2668
Description  CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2668 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2668 Datasheet HTML 7Page - RF Micro Devices RF2668 Datasheet HTML 8Page - RF Micro Devices RF2668 Datasheet HTML 9Page - RF Micro Devices RF2668 Datasheet HTML 10Page - RF Micro Devices RF2668 Datasheet HTML 11Page - RF Micro Devices RF2668 Datasheet HTML 12Page - RF Micro Devices RF2668 Datasheet HTML 13Page - RF Micro Devices RF2668 Datasheet HTML 14Page - RF Micro Devices RF2668 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary
5-81
RF2668
Rev B4 010423
5
Application Schematic
Tri-Mode/Dual-Band Operation
Band Gap
Rel
Bias
Supply
Quad
/2
Σ
48
45
46
47
44
43
42
41
40
39
38
37
13
16
15
14
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
12 nH
0.5 pF
10 nF
10 nF
100 pF
100 pF
1nF
1nF
1nF
1nF
10 nF
MODE CE
AGC
MIX
EN
VCO
EN
PLL
ON
270
Ω
1nF
SET1
SET2
47 k
Ω
10 nF
D1
39 nH
**
39 nH
**
10 nF
3.9 k
Ω
VTUNE
DO
LD
10 nF
36 k
Ω
1nF
220 pF
DO
1nF
1nF
39 k
Ω
10 nF
10 nF
REF
Lock
Detect
/R
/N
Charge
Pump
V
CC
V
CC
V
CC
RF OUT (PCS)
LO2
MIX IN+
V
CC
V
GC
OSIG
ISIG
V
CC
V
CC
OSC REF
2.2 nF
33 pF
8.2 nH
3.9 nH
8nH
4.7 pF
4.7 pF
RF OUT (CELL)
MIX IN-
10 nF
MOD OUT-
MOD OUT+
V
CC
L1*
L2*
*L1 and L2 are the bias
choke inductor.
200
Ω
LO1+
LO1-
**Denotes components not normally populated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com