Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2713 Datasheet HTML 1Page - RF Micro Devices RF2713 Datasheet HTML 2Page - RF Micro Devices RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
7-21
RF2713
Rev A2 010129
5
Pin
Function
Description (Demodulator Configuration)
Interface Schematic
13
LO INPUT
High impedance, single-ended modulator LO input. The LO applied to
this pin is frequency divided by a factor of 2 and becomes the "Carrier".
For direct demodulation, the Carrier is equal in frequency to the center
of the input IF spectrum (except in the case of SSB/SC). The input
impedance is determined by an internal 500
Ω bias resistor to V
CC.An
external blocking capacitor should be provided if the pin is connected to
a device with DC present. Matching the input impedance is typically
achieved by adding a 51
Ω resistor to ground on the source side of the
AC coupling capacitor. For the LO input, maximum power transfer is not
critical. The internal LO switching circuits are controlled by the voltage,
not power, into the part. In cases where the LO source does not have
enough available voltage, a reactive match (voltage transformer) can
be used. The LO circuitry consists of a limiting amplifier followed by a
digital divider. The limiting amp ensures that the flip-flop type divider is
driven with a square wave over a wide range of input levels. Because
the flip-flop uses the rising and falling edges of the limiter output, the
quadrature accuracy of the Carrier supplied to the mixers is directly
related to the duty cycle, or equivalently to the even harmonic content,
of the input LO signal. In particular, care should be taken to ensure that
the 2xLO level input to this pin is at least 20dB below the LO level. Oth-
erwise, the LO input is not sensitive to the type of input wave form,
except for IF frequencies below ~2.5MHz, in which case the LO input
should be a square wave, in order to ensure proper triggering of the
flip-flops. IF frequencies below 100kHz are attainable if the LO is a
square wave and sufficiently large DC blocking capacitors are used.
14
VCC
Voltage supply for the entire device. This pin should be well bypassed
at all frequencies (IF, LO, Carrier, Baseband) that are present in the
part.
500
Ω
500
Ω
LO IN
V
CC
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com