Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2713 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2713
Description  QUADRATURE MODULATOR/DEMODULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2713 Datasheet HTML 1Page - RF Micro Devices RF2713 Datasheet HTML 2Page - RF Micro Devices RF2713 Datasheet HTML 3Page - RF Micro Devices RF2713 Datasheet HTML 4Page - RF Micro Devices RF2713 Datasheet HTML 5Page - RF Micro Devices RF2713 Datasheet HTML 6Page - RF Micro Devices RF2713 Datasheet HTML 7Page - RF Micro Devices RF2713 Datasheet HTML 8Page - RF Micro Devices RF2713 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
7-17
5
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I INPUT A
I INPUT B
Q INPUT A
Q INPUT B
BG OUT
IIFOUT
QIFOUT
VCC
LO INPUT
GND
GND
GND
I OUT
Q OUT
QUAD
DIV.
BY 2
RF2713
QUADRATURE MODULATOR/DEMODULATOR
• Digital and Analog Receivers and
Transmitters
• High Data Rate Digital Communications
• Spread-Spectrum Communication Systems
• Interactive Cable Systems
• Portable Battery-Powered Equipment
The RF2713 is a monolithic integrated quadrature modu-
lator/demodulator. The demodulator is used to recover
the I and Q baseband signals from the amplified and fil-
tered IF. Likewise, the inputs and outputs can be reconfig-
ured to modulate I/Q signals onto an RF carrier. The
RF2713 is intended for IF systems where the IF fre-
quency ranges from 100kHz to 250MHz, and the LO fre-
quency is two times the IF. The IC contains all of the
required components to implement the modulation/
demodulation function and contains a digital divider type
90° phase shifter, two double balanced mixers, and base-
band amplifiers designed to interface with Analog to Digi-
tal Converters. The unit operates from a single 3V to 6V
power supply.
• 3Vto6VOperation
• Modulation or Demodulation
• IF From 100kHz to 250MHz
• Baseband From DC to 50MHz
• Digital LO Quadrature Divider
• Low Power and Small Size
RF2713
Quadrature Modulator/Demodulator
RF2713 PCBA-D Fully Assembled Evaluation Board (Demodulator)
RF2713 PCBA-M Fully Assembled Evaluation Board (Modulator)
7
Rev A2 010129
0.157
0.150
0.068
0.053
0.244
0.229
0.008
0.004
0.018
0.014
8° MAX
0° MIN
0.034
0.016
0.009
0.007
0.337
0.334
0.050
Package Style: SOIC-14


Similar Part No. - RF2713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-D RFMD-RF2713PCBA-D Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-D RFMD-RF2713PCBA-D Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
RF2713PCBA-M RFMD-RF2713PCBA-M Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
More results

Similar Description - RF2713

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
Quadrature demodulator
1996 Oct 08
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
QUADRATURE DEMODULATOR
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Maxim Integrated Produc...
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
logo
RF Micro Devices
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com