Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2721 Datasheet (PDF) - RF Micro Devices

RF2721 Datasheet PDF - RF Micro Devices
Part # RF2721
Download  RF2721 Download
File Size   66.73 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description QUADRATURE DEMODULATOR

RF2721 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2721 Datasheet PDF - RF Micro Devices

Part # RF2721
Download  RF2721 Click to download

File Size   66.73 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description QUADRATURE DEMODULATOR

RF2721 Datasheet (HTML) - RF Micro Devices


RF2721 Product details

Product Description
The RF2721 is a monolithic integrated quadrature demodulator intended for use in digital mobile radio receivers. In this application it is used to recover the inphase and quadrature baseband signals from the amplified and filtered IF. The RF2721 is intended for IF systems where the IF frequency ranges from 100kHz to 500MHz, and the LO frequency is two times the IF. The IC contains all of the required components to implement the demodulation function of the receiver and contains a digital divider type 90° phase shifter, two double-balanced mixers, and baseband amplifiers designed to interface with analog to digital converters. The output DC offset may be slaved to the reference of the ADCs to maintain DC accuracy.

Features
• 5V Power Supply
• On-Chip Active Device for Oscillator
• ADC Compatible Outputs
• Low LO Power Requirement
• Digitally Controlled Power Down Mode
• 100kHz to 500MHz IF Operation

Typical Applications
• UHF Digital and Analog Receivers
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• General Purpose Frequency Conversion




Similar Part No. - RF2721

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722 RFMD-RF2722 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
More results


Similar Description - RF2721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
Quadrature demodulator controller
November 1994
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
QUADRATURE MODULATOR/DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
1000 MHz Quadrature Demodulator
logo
RF Micro Devices
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
1000-MHz Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com