Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2721 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2721
Description  QUADRATURE DEMODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2721 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2721 Datasheet HTML 1Page - RF Micro Devices RF2721 Datasheet HTML 2Page - RF Micro Devices RF2721 Datasheet HTML 3Page - RF Micro Devices RF2721 Datasheet HTML 4Page - RF Micro Devices RF2721 Datasheet HTML 5Page - RF Micro Devices RF2721 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
2-30
RF2721
Rev A2 010509
7
Pin
Function
Description
Interface Schematic
10
I OUT
Demodulated baseband I output. The reference DC level of this pin is
set by the voltage of pin 9 (REF IN), which is connected to this pin
through a 5k
Ω resistor to the collectors of this push-pull output. This
results in an output impedance of 5k
Ω if the REF IN pin is connected to
a low impedance source. The capacitance of the load determines the
maximum baseband frequency. A very low capacitive load may stretch
the 3dB bandwidth over 10MHz. Another way to increase bandwidth is
by connecting a shunt resistor. This will trade gain for bandwidth.
See pin 8.
11
GND
Same as pin 2.
12
PD
Power down control. When this pin is "low", all circuits are shut off. A
"low" is typically 0.8V or less at room temperature. When this pin is
"high", all circuits are operating normally.
13
VCC
Power supply pin. An external 100nF bypass capacitor is recom-
mended if no other bypass capacitor is nearby.
14
IF IN-
Balanced IF input. An input level of 400mVPP gives full output swing; a
level of maximum 250mVPP is recommended for linear operation. This
pin has no internal DC block and an external capacitor of 100nF is
needed if connected to a DC path. If the IF is driven by a single-ended
source, connect this pin to an 100nF capacitor to ground.
See pin 1.
VCC
PD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com