Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2721 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2721
Description  QUADRATURE DEMODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2721 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2721 Datasheet HTML 1Page - RF Micro Devices RF2721 Datasheet HTML 2Page - RF Micro Devices RF2721 Datasheet HTML 3Page - RF Micro Devices RF2721 Datasheet HTML 4Page - RF Micro Devices RF2721 Datasheet HTML 5Page - RF Micro Devices RF2721 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-27
7
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IF1+
GND
OSCB
OSCE
GND
LO2-
LO2+
IF IN-
VCC
PD
GND
I OUT
REF IN
Q OUT
QUAD
DIV.
BY 2
POWER
CONTROL
5k
Ω
5k
Ω
RF2721
QUADRATURE DEMODULATOR
• UHF Digital and Analog Receivers
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• General Purpose Frequency Conversion
The RF2721 is a monolithic integrated quadrature
demodulator intended for use in digital mobile radio
receivers. In this application it is used to recover the in-
phase and quadrature baseband signals from the ampli-
fied and filtered IF. The RF2721 is intended for IF sys-
tems where the IF frequency ranges from 100kHz to
500MHz, and the LO frequency is two times the IF. The
IC contains all of the required components to implement
the demodulation function of the receiver and contains a
digital divider type 90° phase shifter, two double-balanced
mixers, and baseband amplifiers designed to interface
with analog to digital converters. The output DC offset
maybeslavedtothe referenceofthe ADCs to maintain
DC accuracy.
• 5V Power Supply
• On-Chip Active Device for Oscillator
• ADC Compatible Outputs
• Low LO Power Requirement
• Digitally Controlled Power Down Mode
• 100kHz to 500MHz IF Operation
RF2721
Quadrature Demodulator
RF2721 PCBA
Fully Assembled Evaluation Board
2
Rev A2 010509
0.156
0.148
0.059
0.057
0.252
0.236
0.010
0.004
.018
.014
8° MAX
0° MIN
0.0500
0.0164
0.010
0.007
0.347
0.339
0.050
Package Style: SOIC-14


Similar Part No. - RF2721

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722 RFMD-RF2722 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
More results

Similar Description - RF2721

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
Quadrature demodulator controller
November 1994
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
QUADRATURE MODULATOR/DEMODULATOR
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
1000 MHz Quadrature Demodulator
logo
RF Micro Devices
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
1000-MHz Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com