Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2721 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2721
Description  QUADRATURE DEMODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2721 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2721 Datasheet HTML 1Page - RF Micro Devices RF2721 Datasheet HTML 2Page - RF Micro Devices RF2721 Datasheet HTML 3Page - RF Micro Devices RF2721 Datasheet HTML 4Page - RF Micro Devices RF2721 Datasheet HTML 5Page - RF Micro Devices RF2721 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
2-29
RF2721
Rev A2 010509
7
Pin
Function
Description
Interface Schematic
1IF IN+
Balanced IF input. An input level of 400mVPP gives full output swing; a
level of maximum 250mVPP is recommended for linear operation. This
pin has no internal DC block, and an external capacitor of 100nF is
needed if connected to a DC path.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3OSC B
Base of the LO transistor. This pin is not connected to anything else.
This transistor can be used for an oscillator. The collector of the transis-
tor is connected to VCC.
4OSC E
Emitter of the LO transistor. This pin is not connected to anything else.
See pin 3.
5GND
Same as pin 2.
6LO2-
Balanced input for the doubled LO. An internal divide-by-2 network
generates the actual LO for the mixers. The divided signal is not acces-
sible. When the LO is driven single ended this pin should be connected
to a 100nF capacitor to ground. This pin has an internal pull-up resistor
to VCC and an external DC blocking capacitor of 100nF is recom-
mended.
7LO2+
Balanced input for the doubled LO. The input frequency should be
twice (2x) the IF frequency. An internal divide-by-2 network generates
the actual LO for the mixers. This pin has an internal pull-up resistor to
VCC, and an external DC blocking capacitor of 100nF is recommended.
LO frequencies below 100kHz are acceptable, providing that the LO
signal is square wave. Above 100kHz a sine wave signal is acceptable.
The quadrature accuracy of the LO/2 frequency into the mixers is
affected by the duty cycle of the LO input signal. Square wave signals
with other than 50% duty cycle will degrade the quadrature accuracy of
the LO signal, thereby adversely affecting the I and Q quadrature accu-
racy. Since the LO input is AC coupled, asymmetric sine waves and
sine waves clipped on either the top or bottom half will not have 50%
duty cycles relative to the internal DC reference point. For this reason,
distorted LO sine wave signals will degrade performance in a fashion
similar to non-50% duty cycle square waves. A sine wave input with
even harmonics less than -15dBc is recommended. The internal limit-
ing buffer amplifier ensures the amplitude stability of the demodulator.
See pin 6.
8Q OUT
Demodulated baseband Q output. The reference DC level of this pin is
set by the voltage of pin 9 (REF IN), which is connected to this pin
througha5k
Ω resistor to the collectors of this push-pull output. This
results in an output impedance of 5k
Ω if the REF IN pin is connected to
a low impedance source. The capacitance of the load determines the
maximum baseband frequency. A very low capacitive load may stretch
the 3dB bandwidth over 10MHz. Another way to increase bandwidth is
by connecting a shunt resistor. This will trade-off gain for bandwidth.
9REF IN
Reference voltage input for the baseband outputs. This pin can be con-
nected to the reference voltage source of the Analog to Digital Con-
verter. It is connected to the I and Q outputs through 5k
Ω resistors.
This pin should have an external decoupling capacitor large enough to
decouple the lowest baseband frequency.
See pin 8.
IF IN-
1500
Ω
IF IN+
1500
Ω
350
Ω
350
Ω
VCC
OSC B
OSC E
200
Ω
200
Ω
LO2+
LO2-
5k
Ω
REF IN
I/Q OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com