Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3110PCBA Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3110PCBA
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3110PCBA Datasheet(HTML) 3 Page - RF Micro Devices

  RF3110PCBA Datasheet HTML 1Page - RF Micro Devices RF3110PCBA Datasheet HTML 2Page - RF Micro Devices RF3110PCBA Datasheet HTML 3Page - RF Micro Devices RF3110PCBA Datasheet HTML 4Page - RF Micro Devices RF3110PCBA Datasheet HTML 5Page - RF Micro Devices RF3110PCBA Datasheet HTML 6Page - RF Micro Devices RF3110PCBA Datasheet HTML 7Page - RF Micro Devices RF3110PCBA Datasheet HTML 8Page - RF Micro Devices RF3110PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
2-263
RF3110
Rev A0 010921
2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
2.9
5.5
V
Nominal operating limits, POUT<+33dBm
Power Supply Current
2
A
DC Current at POUT,MAX
110
µAP
IN < -30 dBm, VRAMP =0 V,
Temp= -40°C to +85°C
VREG Voltage
2.7
2.8
2.9
V
VREG Current
7
mA
TX Enable= High
10
µATX Enable=Low
Overall (DSC/PCS Mode)
Temp= 25°C, VCC=3.5V, VRAMP =VRAMP
Max, PIN=6dBm, Freq=1710MHz to
1785MHz, 12.5% Duty Cycle, pulse
width= 577
µs
Operating Frequency Range
1710 to 1910
MHz
Maximum Output Power
+32
+33
dBm
Temp= 25°C, VCC=3.5V, VRAMP =VRAMP
Max, 1710MHz to 1785MHz
31.5
dBm
1850- 1910MHz
30
dBm
Temp= +85°C, VCC=2.9V, VRAMP =VRAMP
Max, 1710MHz to 1785MHz
29.5
dBm
1850MHz to 1910MHz
Total Efficiency
45
52
%
At POUT,MAX, VCC=3.5V, 1710-1785MHz
45
1850- 1910MHz
Input Power Range
+4
+6
+8
dBm
Full output power guaranteed at minimum
drive level
Output Noise Power
-77
dBm
RBW =100kHz, 1805MHz to 1880MHz and
1930MHz to 1990MHz, POUT > 34.5dBm,
VCC=3.5V
Forward Isolation
-37
-30
dBm
TX_ENABLE =0V, PIN=+8dBm
Second Harmonic
-25
-15
dBm
POUT, = +32.5dBm
Third Harmonic
-30
-15
dBm
All other Non-Harmonic Spurious
-36
dBm
Input Impedance
50
Input VSWR
-
2.5
P+ 5dB <POUT<POUT,MAX
Output Load VSWR
8:1
Spurious <-36dBm, VAPCDCS=0.2V to 1.5V,
RBW =3MHz
Output Load Impedance
50
Load impedance presented at RF OUT pin
Power Control VRAMP
Power Control “ON”
1.6
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.25
V
Min. POUT, Voltage supplied to the input
Power Control Range
33
dB
VRAMP=0.15V to 1.6V, PIN=+8dBm
VRAMP Input Capacitance
15
pF
DC to 2MHz
VRAMP Input Current
10
µAV
RAMP =1.6 V
10
µAV
RAMP=0V
Turn On/Off TIme
4
µsV
RAMP =0to 1.6V
Note: VRAMP max=3/8*VBATT+0.18<1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com