Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3110PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3110PCBA
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3110PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF3110PCBA Datasheet HTML 1Page - RF Micro Devices RF3110PCBA Datasheet HTML 2Page - RF Micro Devices RF3110PCBA Datasheet HTML 3Page - RF Micro Devices RF3110PCBA Datasheet HTML 4Page - RF Micro Devices RF3110PCBA Datasheet HTML 5Page - RF Micro Devices RF3110PCBA Datasheet HTML 6Page - RF Micro Devices RF3110PCBA Datasheet HTML 7Page - RF Micro Devices RF3110PCBA Datasheet HTML 8Page - RF Micro Devices RF3110PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary
2-264
RF3110
Rev A0 010921
2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
2.9
5.5
V
Nominal operating limits, POUT<+33dBm
Power Supply Current
1.3
A
DC Current at POUT,MAX
110
µAP
IN <-30 dBm, VRAMP =0 V,
Temp= -40°C to +85°C
VREG Voltage
2.7
2.8
2.9
V
VREG Current
7
mA
TX Enable= High
10
µA
TX Enable= Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com