Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9986 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF9986
Description  PCS LOW NOISE AMPLIFIER/MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9986 Datasheet(HTML) 5 Page - RF Micro Devices

  RF9986 Datasheet HTML 1Page - RF Micro Devices RF9986 Datasheet HTML 2Page - RF Micro Devices RF9986 Datasheet HTML 3Page - RF Micro Devices RF9986 Datasheet HTML 4Page - RF Micro Devices RF9986 Datasheet HTML 5Page - RF Micro Devices RF9986 Datasheet HTML 6Page - RF Micro Devices RF9986 Datasheet HTML 7Page - RF Micro Devices RF9986 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8-135
RF9986
Rev B1 010717
8
Evaluation Board Schematic
(IF=210MHz)
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P1-1
C16
22 pF
C17
1nF
P1-1
C18
22 pF
C19
1nF
P1-3
C23
1nF
C20
22 pF
R2
1k
J1
LNA IN
J2
LO IN
C29
100 pF
C30
100 pF
L5
220 nH
T1
5.5:1
C11
1.5 pF
L4
47 nH
C8
5pF
L1
2.7 nH
R3
SeeNote2
P1-1
C10
22 pF
C4
1pF
50
Ωµstrip
C1
22 pF
C5
22 pF
C2
22 pF
C3
22 pF
50
Ωµstrip
J4
IF OUT
J5
MIXER IN
J6
LNA OUT
J3
LO OUT
L2
470 nH
L3
470 nH
P1-1
C21
22 pF
C22
1nF
C24
4.7
µF
Drawing 9986400, Rev -
Notes:
1. C11 is selected to fine tune L4 for IF output match at 210 MHz.
2. R3 is not normally populated. For applications requiring additional LNA IP3, see the datasheet for
recommended resistance values.
3. C2 and C3 are not normally populated. If C2 and C3 are populated, the LNA and mixer can be tested
independently; in this case, C1 and C5 should be removed.
50
Ωµstrip
1
2
3
P1
P1-3
BUFFER ENABLE
GND
P1-1
VCC
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
FL1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com