Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9986 Datasheet (PDF) - RF Micro Devices

RF9986 Datasheet PDF - RF Micro Devices
Part # RF9986
Download  RF9986 Download
File Size   235.19 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS LOW NOISE AMPLIFIER/MIXER

RF9986 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF9986 Datasheet PDF - RF Micro Devices

Part # RF9986
Download  RF9986 Click to download

File Size   235.19 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS LOW NOISE AMPLIFIER/MIXER

RF9986 Datasheet (HTML) - RF Micro Devices


RF9986 Product details

Product Description
The RF9986 is a monolithic integrated receiver front-end for PCS, PHS, and WLAN applications. The IC contains all of the required components to implement the RF functions of the receiver front-end except for the passive filtering and LO generation. It contains an LNA (low-noise amplifiers), a double-balanced Gilbert cell mixer, a balanced IF output, an LO isolation buffer amplifier, and an LO output buffer amplifier for providing the buffered LO signal as an output. The IC is designed to operate from a single 3.6V power supply.

Features
• Complete Receiver Front-End
• Extremely High Dynamic Range
• Single 3.6V Power Supply
• External LNA IP3 Adjustment
• 1500MHz to 2500MHz Operation

Typical Applications
• CDMA/TDMA/DCS1900 PCS Systems
• PHS 1500/WLAN 2400 Systems
• General Purpose Down Converter
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment




Similar Part No. - RF9986

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9908PCBA RFMD-RF9908PCBA Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
REYCONNS CHINA LIMITED
RF9913 REYCONNS-RF9913 Datasheet
489Kb / 5P
SAW Filter
logo
RF Micro Devices
RF9938 RFMD-RF9938 Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
RF9938PCBA RFMD-RF9938PCBA Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
More results


Similar Description - RF9986

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2469 RFMD-RF2469 Datasheet
255Kb / 18P
W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com