Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA10358F Datasheet(PDF) 1 Page - Rohm

Part # BA10358F
Description  Dual ground sense operational amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10358F Datasheet(HTML) 1 Page - Rohm

  BA10358F Datasheet HTML 1Page - Rohm BA10358F Datasheet HTML 2Page - Rohm BA10358F Datasheet HTML 3Page - Rohm BA10358F Datasheet HTML 4Page - Rohm BA10358F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Standard ICs
Dual ground sense operational
amplifier
BA10358 / BA10358F / BA10358FV / BA10358N
The BA10358, BA10358F, BA10358FV, and BA10358N are monolithic ICs with two independent built-in operational
amplifiers featuring high gain and frequency compensation.
These products offer a particularly wide range of operating voltages, from 3 to 32V (when using a single power
supply). Current dissipation is low and remains constant regardless of the power supply voltage. Available packages
include an 8-pin DIP (BA10358), an 8-pin SOP (BA10358F), an 8-pin SSOP-B (BA10358FV), and an 8-pin SIP
(BA10358N).
•Features
1) Can be driven with a single power supply.
2) Extremely low current dissipation.
3) Level is compatible with any kind of logic circuit.
4) Operating voltage range is 3 to 32V for single power
supply, ±1.5 to ±16V for dual power supply.
5) High DC voltage gain.
6) Wide frequency response.
7) Pin assignments is the same as the general-purpose
4558 model.
8) Compatible with model 358 operation amplifiers of
other manufacturers.
•Absolute maximum ratings
Parameter
Symbol
Limits
Unit
BA10358
BA10358F
BA10358N
Power supply voltage
Power dissipation
Differential input voltage
Common-mode input voltage
Operating temperature
Storage temperature
VCC
V
Pd
800∗
550∗
900∗
mW
VID
± VCC
V
Vl
– 0.3 ~ VCC
– 40 ~ +85
– 55 ~ +125
V
Topr
°C
Tstg
°C
32 (
± 16)
32 (
± 16)
32 (
± 16)
32 (
± 16)
BA10358FV
350∗
± VCC
– 0.3 ~ VCC
– 40 ~ +85
– 55 ~ +125
± VCC
– 0.3 ~ VCC
– 40 ~ +85
– 55 ~ +125
± VCC
– 0.3 ~ VCC
– 40 ~ +85
– 55 ~ +125
∗ Refer to the Pd characteristic diagram.
The values for the BA10358F are those when it is mounted on a glass epoxy board (50mm
× 50mm × 1.6mm).
The values for the BA10358FV are those when it is mounted on a glass epoxy board (70mm
× 70mm × 1.6mm).


Similar Part No. - BA10358F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358F ROHM-BA10358F	 Datasheet
610Kb / 25P
Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
610Kb / 25P
Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
735Kb / 26P
Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F Datasheet
554Kb / 26P
Ground Sense Operational Amplifiers
More results

Similar Description - BA10358F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
Quad Ground Sense Operational Amplifier
logo
Rohm
BA2902HFV-C ROHM-BA2902HFV-C Datasheet
106Kb / 5P
GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
Ground Sense Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com