Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3576FS Datasheet(PDF) 7 Page - Rohm

Part # BA3576FS
Description  Low power consumption headphone driver for digital audio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3576FS Datasheet(HTML) 7 Page - Rohm

  BA3576FS Datasheet HTML 1Page - Rohm BA3576FS Datasheet HTML 2Page - Rohm BA3576FS Datasheet HTML 3Page - Rohm BA3576FS Datasheet HTML 4Page - Rohm BA3576FS Datasheet HTML 5Page - Rohm BA3576FS Datasheet HTML 6Page - Rohm BA3576FS Datasheet HTML 7Page - Rohm BA3576FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
890
Audio ICs
BA3576FS
FOperation notes
(1)
By operating the BA3576FS according to the timing chart shown in Fig.3, it is possible to suppress generation of
“pop” noise in the headphone output.
(2)
The BA3576FS ripple filter pins (1 and 2) and the bias amp pins (3 and 4) cannot be used as external power supplies
or reference voltages.
(3)
The BEEP signal is only output when PWSTB (pin 7) and MUTE (pin 9) are high level. Also, input a rectangular
wave of between 500Hz and 5kHz and with an amplitude of VCC (with respect to ground) to BEEP IN (pin 11).
FElectrical characteristics curves



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com