Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3576FS Datasheet(PDF) 1 Page - Rohm

Part # BA3576FS
Description  Low power consumption headphone driver for digital audio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3576FS Datasheet(HTML) 1 Page - Rohm

  BA3576FS Datasheet HTML 1Page - Rohm BA3576FS Datasheet HTML 2Page - Rohm BA3576FS Datasheet HTML 3Page - Rohm BA3576FS Datasheet HTML 4Page - Rohm BA3576FS Datasheet HTML 5Page - Rohm BA3576FS Datasheet HTML 6Page - Rohm BA3576FS Datasheet HTML 7Page - Rohm BA3576FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
884
Audio ICs
Low power consumption headphone
driver for digital audio
BA3576FS
The BA3576FS is a headphone driver developed for use in 3.0V portable digital audio equipment.
FApplications
Portable CD and MD players.
FFeatures
1) Low power consumption (when Po = 0.5mW per
channel, the power supply current is 4.7mA, and the
)B current is 6.8mA (Typ.)).
2) High S / N ratio (96dB).
3) AVC circuit.
4) Beep output function
5) Mute circuit.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA3576FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3570F ROHM-BA3570F Datasheet
183Kb / 10P
ALS headphone driver
BA3570FS ROHM-BA3570FS Datasheet
183Kb / 10P
ALS headphone driver
BA3571 ROHM-BA3571 Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3574BFS ROHM-BA3574BFS Datasheet
187Kb / 11P
Low-current audio headphone driver
More results

Similar Description - BA3576FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3574BFS ROHM-BA3574BFS Datasheet
187Kb / 11P
Low-current audio headphone driver
BA3575FS ROHM-BA3575FS Datasheet
224Kb / 13P
Low-current audio headphone driver
BA3577FS ROHM-BA3577FS Datasheet
159Kb / 10P
Low power consumption headphone driver for digital audio
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
Headphone driver for digital audio
logo
New Japan Radio
NJU8721 NJRC-NJU8721 Datasheet
172Kb / 13P
CLASS D HEADPHONE AMPLIFIER FOR DIGITAL AUDIO
logo
Elite Semiconductor Mem...
AD8256A ESMT-AD8256A Datasheet
319Kb / 4P
2x16W Stereo Digital Audio Amplifier with Headphone Driver
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
2.1-Channel Digital Audio Amplifier with Headphone Driver
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com