Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5960FS Datasheet(PDF) 2 Page - Rohm

Part # BA5960FS
Description  5 Channel Driver for with Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5960FS Datasheet(HTML) 2 Page - Rohm

  BA5960FS Datasheet HTML 1Page - Rohm BA5960FS Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application circuit
Maximum output voltage
Output offset voltage
<Pre-operational amplifier & Operational amplifier>
Input bias current
Output offset voltage
Output voltage
Load regulation
Line regulation
Output offset voltage
<Regulator>
Output voltage
Load regulation
REG.P pin voltage
Low level output voltage LO
Output sink current
Output source current
<Loading driver>
Close loop gain
High level output voltage HI
Standby current (VCC+PowVcc)
Quiescent current
<BTL driver>
Close loop gain
Parameter
Line regulation
VOM
VOO
V
mV
—
50
5.4
0
4.8
–50
VIN=BIAS±1.65V
GVC
dB
14
11.5
10
VIN=BIAS±0.5V
IB
VOP
µA
mV
0.3
6
—
0
—
–6
VOL
ISO
ISI
V
mA
mA
0.5
—
—
—
—
0.8
—
1
0.5
BIAS=2.5V
BIAS=2.5V
VOH
V
7.5
—
—
VOL12F
VOL2R
∆ VLI2F
∆ VLI2R
V
V
—
–4.8
0.9
0.9
5.4
–5.4
0.45
0.45
4.8
—
—
—
LDCONT=4.5V
LDCONT=4.5V
VIL=100~500mA
∆ VLVSF
∆ VLVSR
LDVOO
V
mV
0.5
0.5
50
—
—
0
–0.5
–0.5
–50
Vcc=6~13V V IL=500mA
LDCONT=1V
Brake mode
LDGVC
dB
13
11
9
LDCONT=1V
Vreg
∆ VRL
∆ VVCC
VREGP
V
mV
mV
V
—
20
40
1.26
3.32
0
10
1.2
—
–40
–20
1.14
IL=50mA, Note) reference value
IL=0~200mA, 3.3V set up
Vcc=6~13V, 3.3V set up
FWD
REV
FWD
REV
FWD
REV
IQST
IQ
mA
mA
1
30
—
22
—
—
No load
No load
Conditions
Symbol
Unit
Min.
Typ.
Max.
This product is not designed for protection against radioactive rays.
(Unless otherwise noted, Ta=25˚C, PreVcc=PowVcc1=PowVcc2=PowVcc3=8V, BIAS=1.65V, R L=8Ω )
Electrical characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com