Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5960FS Datasheet(PDF) 1 Page - Rohm

Part # BA5960FS
Description  5 Channel Driver for with Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5960FS Datasheet(HTML) 1 Page - Rohm

  BA5960FS Datasheet HTML 1Page - Rohm BA5960FS Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimension (Units : mm)
Description
Applications
Features
5 Channel Driver for with Regulator
1) 5-channel driver (4-channel BTL driver
and 1-channel Loading driver)
2) Built-in thermal shut down circuit
3) The power supply is divided in 4 systems
4) Incorporates an operational amplifier.
5) Built-in stand-by function
6) Built-in variable regulator
7) Wide dynamic range
(5.4V typical at PreVcc=8V, PowVcc=8V, RL=8 Ω )
8) Mute operated individually Channel-1&2, Channel-3, Channel-4
9) Input pins consist of (+) and (–), therefore various input types
are available such as differential input.
10) Built-in brake function (Loading driver)
11) Output voltage can be set up by voltage establishment terminal.
The BA5960FS is a 5-channel Driver (4-channel
BTL and 1-channel Loading driver) for an actuator
and motor. Since the operational amplifier and
variable regulator are built-in, it can be compatible
with various applications.
SSOP-A54
BA5960FS
99W140A
Car CD, MD
January, 2000
*1 Derating : 15.36mW/˚C for operation above Ta=25 ˚C.
*2 The output current must not exceed the maximum ASO
Supply voltage
Powerd dissipation
Operating temperature range
Storage temperature range
PreVcc, PowVcc
Pd
Topr
Tstg
V
W
˚C
˚C
Supply voltage
V
4.5
13.5
18
1.92
~
~
–35
+85
–55
+150
*1
Limits
Absolute Maximum Ratings (Ta=25 ˚C)
Parameter
Symbol
Unit
Recommended Operating Conditions (Ta=25 ˚C)
Parameter
Symbol
Unit
Min.
Typ.
Max.
Output current
IOMAX
A
PreVcc
V
4.5
PreVcc
PowVcc
1
*2


Similar Part No. - BA5960FS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA596 SIEMENS-BA596 Datasheet
34Kb / 2P
Silicon PIN Diode
logo
Guangdong Kexin Industr...
BA596 KEXIN-BA596 Datasheet
33Kb / 1P
Silicon PIN Diode
logo
Rohm
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
Power driver for CD player
BA5961FV ROHM-BA5961FV Datasheet
288Kb / 7P
Power Driver For CD Players
BA5961FV ROHM-BA5961FV Datasheet
86Kb / 6P
Power Driver For CD Players
More results

Similar Description - BA5960FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
5-channel driver for CD/DVD players
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
5-channel BTL driver for CD players
BA5814FM ROHM-BA5814FM Datasheet
403Kb / 3P
5 channel BTL Driver for CD
logo
List of Unclassifed Man...
BA5801FS ETC-BA5801FS Datasheet
45Kb / 2P
6-channel Driver with 3.3V Regulator
logo
Rohm
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
5 Channel Driver for CD/CD-ROM
logo
Aimtron Technology
AT5660 AIMTRON-AT5660 Datasheet
452Kb / 12P
5-Channel Motor Driver for DVD/VCD
AT5669 AIMTRON-AT5669 Datasheet
233Kb / 11P
5-Channel Motor Driver for DVD/VCD with 2 Linear Regulator and 1 OPAMP
logo
Sanyo Semicon Device
LA6559 SANYO-LA6559 Datasheet
98Kb / 9P
5-Channel Driver
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
5-channel Driver for Compact Disk
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
Relay Driver with 5 V Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com