Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6129AF Datasheet(PDF) 7 Page - Rohm

Part # BA6129AF
Description  Reset IC with battery backup function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6129AF Datasheet(HTML) 7 Page - Rohm

  BA6129AF Datasheet HTML 1Page - Rohm BA6129AF Datasheet HTML 2Page - Rohm BA6129AF Datasheet HTML 3Page - Rohm BA6129AF Datasheet HTML 4Page - Rohm BA6129AF Datasheet HTML 5Page - Rohm BA6129AF Datasheet HTML 6Page - Rohm BA6129AF Datasheet HTML 7Page - Rohm BA6129AF Datasheet HTML 8Page - Rohm BA6129AF Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Memory ICs
BA6129AF / BA6162 / BA6162F
8765
12
34
–
+
–
+
–
+
Vcc
5V
SRAM
0.01
µF
BATTERY
3V
SRAM
CEB
SRAM
CE
CPU
Reset
10
µF
C1
R1
C2
VDD
Vref
10k
Ω
Fig. 3
•Application example
•Operation notes
(1) Power supply VCC
These ICs are designed to operate with at VCC = 5V,
but can also operate at VCC values of other than 5V.
However, the following conditions must be met:
(equation)
VS + VSH < VCC < VCCMax.
VCC – VBAT < 5V
(2) Battery voltage VBAT
These ICs are designed to operate with at VBAT = 3V,
but can also operate at VBAT values of other than 3V.
However, the following conditions must be met:
(equation)
VBAT < VB
VCC – VBAT < 5V
where) VS: detection voltage
VSH: detection hysteresis voltage
VB: switching voltage
{
{



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com