Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6129AF Datasheet(PDF) 1 Page - Rohm

Part # BA6129AF
Description  Reset IC with battery backup function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6129AF Datasheet(HTML) 1 Page - Rohm

  BA6129AF Datasheet HTML 1Page - Rohm BA6129AF Datasheet HTML 2Page - Rohm BA6129AF Datasheet HTML 3Page - Rohm BA6129AF Datasheet HTML 4Page - Rohm BA6129AF Datasheet HTML 5Page - Rohm BA6129AF Datasheet HTML 6Page - Rohm BA6129AF Datasheet HTML 7Page - Rohm BA6129AF Datasheet HTML 8Page - Rohm BA6129AF Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Memory ICs
Reset IC with battery backup function
BA6129AF / BA6162 / BA6162F
The BA6129AF, BA6162, and BA6162F are reset ICs with a battery backup function, designed for equipment using
SRAMs and other similar components. These ICs are configured of a reset signal and CS signal output unit and a
power supply switching unit. If the BA6129AF detects that the power supply has dropped to 3.5V or lower, it outputs
the CS, CSB, and Reset signals to set the SRAM in backup mode. If the voltage drops to 3.3V or lower, the power
supply switches to the battery. With the BA6162 and BA6162F, in the same way, a power supply of 4.2V is detected,
and if the voltage drops to 3.3V or lower, the power supply switches to the battery. These ICs allow SRAMs to be
write protected and allow the system to be reset, in addition to switching between the power supply and the battery.
•Applications
Equipment using SRAMs (cards, cassettes, facsimile machines, copiers, word processors, personal computers, etc.)
•Features
1) Equipped with battery backup function.
2) Equipped with both CS signals (CS and CSB) and
Reset signals.
3) Low current dissipation when powered from battery.
4) Low voltage loss when powered from battery.
5) Smooth switching between power supply and bat-
tery.
•Absolute maximum ratings (Ta = 25°C)
IOUT1 indicates the output current on the VCC side, and IOUT2 the output current on the VBAT side.
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
7.0
V
Output current 1
IOUT1
– 80 (BA6129AF)
mA
Output current 2
IOUT2
– 200
µA
Power dissipation
900∗1 (BA6162)
550∗2 (BA6129AF)
(BA6162F)
mW
Operating temperature
– 20 ~ + 75
°C
Storage temperature
– 40 ~ + 125
°C
Topr
Pd
Tstg
∗1 Reduced by 9.0mW for each increase in Ta of 1°C over 25°C.
∗2 Reduced by 5.5mW for each increase in Ta of 1°C over 25°C.
– 40 (BA6162 / BA6162F)


Similar Part No. - BA6129AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA612 ROHM-BA612 Datasheet
53Kb / 4P
5-channel high current driver
logo
List of Unclassifed Man...
BA6122 ETC2-BA6122 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA6122A ROHM-BA6122A Datasheet
139Kb / 2P
BA6122A
BA6122AF ROHM-BA6122AF Datasheet
139Kb / 2P
BA6122A
BA6124 ROHM-BA6124 Datasheet
91Kb / 3P
LED level meter driver, 5-point, VU scale
More results

Similar Description - BA6129AF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
Battery Backup IC
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
BATTERY BACKUP IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
Battery Backup IC
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
IC for System Reset (battery backup)
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
Battery Backup Switching IC
logo
Seiko Instruments Inc
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
BATTERY BACKUP SWITCHING IC
S8425 SII-S8425 Datasheet
2Mb / 45P
BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com