Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6486FS Datasheet(PDF) 9 Page - Rohm

Part # BA6486FS
Description  FDD spindle motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6486FS Datasheet(HTML) 9 Page - Rohm

Back Button BA6486FS Datasheet HTML 3Page - Rohm BA6486FS Datasheet HTML 4Page - Rohm BA6486FS Datasheet HTML 5Page - Rohm BA6486FS Datasheet HTML 6Page - Rohm BA6486FS Datasheet HTML 7Page - Rohm BA6486FS Datasheet HTML 8Page - Rohm BA6486FS Datasheet HTML 9Page - Rohm BA6486FS Datasheet HTML 10Page - Rohm BA6486FS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
552
Motor driver ICs
BA6486FS
(5) Motor output (11
X15 pin)
(6) Hall bias (16 pin)
(7) Hall input (17
X22 pin)
(8) Integrating amplifier (28, 29 pin)
(9) Speed discriminator output (30 pin)
(10) Start / stop (31 pin)
(11) Index output (32 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com