Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6486FS Datasheet(PDF) 1 Page - Rohm

Part # BA6486FS
Description  FDD spindle motor driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6486FS Datasheet(HTML) 1 Page - Rohm

  BA6486FS Datasheet HTML 1Page - Rohm BA6486FS Datasheet HTML 2Page - Rohm BA6486FS Datasheet HTML 3Page - Rohm BA6486FS Datasheet HTML 4Page - Rohm BA6486FS Datasheet HTML 5Page - Rohm BA6486FS Datasheet HTML 6Page - Rohm BA6486FS Datasheet HTML 7Page - Rohm BA6486FS Datasheet HTML 8Page - Rohm BA6486FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
544
Motor driver ICs
FDD spindle motor driver
BA6486FS
The BA6486FS is a one-chip IC designed for driving 12V FDD spindle motors. This high-performance IC employs a
3-phase, full-wave soft switching drive system, and contains a digital servo, an index amplifier, and a power save circuit.
The compactly packaged IC reduces the number of external components required.
FApplications
Floppy disk drivers
FFeatures
1) 12V supply voltage.
2) 3-phase, full-wave soft switching drive system.
3) Digital servo circuit.
4) Power save circuit.
5) Hall power supply switch.
6) Motor speed changeable.
7) Index amplifier.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA6486FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6402 ROHM-BA6402 Datasheet
46Kb / 3P
2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
2-phase half-wave motor predriver
BA6406 ROHM-BA6406 Datasheet
62Kb / 5P
2-phase half-wave motor predriver
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
2-phase half-wave motor predriver
More results

Similar Description - BA6486FS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
SPINDLE MOTOR DRIVER
logo
Toshiba Semiconductor
TA8463F TOSHIBA-TA8463F Datasheet
376Kb / 11P
SINGLE CHIP 3 PHASE MOTOR DRIVER FOR FDD SPINDLE MOTOR
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
FDD spindle motor driver
BA6492BFS ROHM-BA6492BFS Datasheet
187Kb / 13P
FDD spindle motor driver
logo
Sanyo Semicon Device
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
FDD Spindle Motor Driver
LB1890M SANYO-LB1890M Datasheet
159Kb / 8P
FDD Spindle Motor Driver
LB1910 SANYO-LB1910 Datasheet
111Kb / 7P
FDD Spindle Motor Driver
LB1913 SANYO-LB1913 Datasheet
90Kb / 6P
FDD Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com