Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6853FS Datasheet(PDF) 8 Page - Rohm

Part # BA6853FS
Description  3-phase motor driver for CD-ROMs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6853FS Datasheet(HTML) 8 Page - Rohm

Back Button BA6853FS Datasheet HTML 3Page - Rohm BA6853FS Datasheet HTML 4Page - Rohm BA6853FS Datasheet HTML 5Page - Rohm BA6853FS Datasheet HTML 6Page - Rohm BA6853FS Datasheet HTML 7Page - Rohm BA6853FS Datasheet HTML 8Page - Rohm BA6853FS Datasheet HTML 9Page - Rohm BA6853FS Datasheet HTML 10Page - Rohm BA6853FS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
788
Motor driver ICs
BA6848FP / BA6853FS
(3)
FG signal output waveform
From the Hall input signal, a pulse signal (FG signal) is output proportional to the motor speed of rotation. This timing
is shown in Fig.9 below.
(4)
Other
For the PS pins, the circuits turn on at 3.5 V or greater, and enter the power save mode at 1.5 V or less. For the REV pin,
it enters the reverse mode at 4.0 V or greater, and enters the normal mode at 1.5 V or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com