Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6853FS Datasheet(PDF) 10 Page - Rohm

Part # BA6853FS
Description  3-phase motor driver for CD-ROMs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6853FS Datasheet(HTML) 10 Page - Rohm

Back Button BA6853FS Datasheet HTML 3Page - Rohm BA6853FS Datasheet HTML 4Page - Rohm BA6853FS Datasheet HTML 5Page - Rohm BA6853FS Datasheet HTML 6Page - Rohm BA6853FS Datasheet HTML 7Page - Rohm BA6853FS Datasheet HTML 8Page - Rohm BA6853FS Datasheet HTML 9Page - Rohm BA6853FS Datasheet HTML 10Page - Rohm BA6853FS Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
790
Motor driver ICs
BA6848FP / BA6853FS
FOperation notes
(1)
Power save
The power save input is an input / output circuit as
shown in Fig.1. The power save pins have a thermal der-
ating characteristic of
*8mV / _C. The resistance also
has a fluctuation of
±30%, so be careful of the input volt-
age range.
(2)
Reverse
The reverse input is an input / output circuit as shown in
Fig.2. The reverse pins have a thermal derating charac-
teristic of
*7mV / _C. The resistance also has a fluctua-
tion of
±30%, so be careful of the input voltage range.
(3)
Hall input
The Hall input is an input circuit as shown in Fig.5. The
Hall elements can be connected in series or in parallel.
(4)
Thermal shutdown (TSD)
When the junction temperature reaches 175
_C (Typ.),
the A1 to A3 coil outputs become open. There is an
approximate 15
_C (Typ.) temperature hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com