Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7182AS Datasheet(PDF) 5 Page - Rohm

Part # BA7182AS
Description  2-channel PRE / REC amplifier with auto-tracking interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7182AS Datasheet(HTML) 5 Page - Rohm

  BA7182AS Datasheet HTML 1Page - Rohm BA7182AS Datasheet HTML 2Page - Rohm BA7182AS Datasheet HTML 3Page - Rohm BA7182AS Datasheet HTML 4Page - Rohm BA7182AS Datasheet HTML 5Page - Rohm BA7182AS Datasheet HTML 6Page - Rohm BA7182AS Datasheet HTML 7Page - Rohm BA7182AS Datasheet HTML 8Page - Rohm BA7182AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Video ICs
BA7182AS
22
1
2
3
4
5
6
7
8
9
10
11
21
20
19
18
17
16
15
14
13
12
+
2.0V
0.1
µ
0.1
µ
0.1
µ
0.1
µ
0.022
µ
1k
10
1k
10
0.1
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
0.1
µ
36k
390k
H SYNC IN
REC LEVEL ADJ
PRE IN 2
PRE IN 1
DFF IN
AT ENVE HOLD OUT
AT ENVE DET ADJ
PB RF OUT
REC IN
PB / EE / REC CTRL
PB AGC OUT
33k
3k
300
5V
0.01
µ
L: REC MUTE
L: REC START
EP / SP CTRL
L: SP
68p
R [
Ω]
C [F]
L [H]
VCC
Fig. 1
Units:
•Measurement circuits
(Playback system)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com